Part Number Hot Search : 
A3010 NFSW036T 154809 E000732 40HF0 MBRB20 MBRB20 MBRB20
Product Description
Full Text Search
 

To Download AT20-02631 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
Features
* Attenuation: 1 dB steps to 31 dB * Temperature Stability: 0.18 dB from -40C to +85C Typical * Low DC Power Consumption * Surface Mount Package * Integral TTL Driver * Low Cost/High Performance * 50 Ohm Nominal Impedance * Lead-Free CR-12 Package * 260C Reflow Compatible
AT20-0263 V4
Functional Schematic
C5
16 dB
RF2 GND
8 dB
+5V -5V C4 C3 C2 C1
1 dB 2 dB
GND GND GND GND GND Orientation Mark RF1 PIN 1
4 dB
PIN 16 GND
Description
M/A-COM's AT20-0263 is a GaAs FET 5-bit digital attenuator with a 1 dB minimum step size and 31 dB total attenuation. This attenuator and integral TTL driver is in a ceramic 16-lead surface mount package. The AT20-0263 is ideally suited for use where accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include dynamic range setting in precision receiver circuits and other gain/leveling control circuits. Available with enhanced performance as fully hermetic version. Environmentally screenable as P/N AT-263-PIN.
Pin Configuration
Pin No.
1 2 3 4 5 6 7 8
Function
RF1 GND GND GND GND GND GND RF2
Pin No.
9 10 11 12 13 14 15 16
Function
C5 +5V -5V C4 C3 C2 C1 GND
The metal bottom of the case must be connected to RF and DC ground.
Ordering Information
Part Number
AT20-0263
Package
Bulk Packaging
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
Electrical Specifications: TA = 25C1
Parameter
Reference Insertion Loss
AT20-0263 V4
Test Conditions
--
Frequency
DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 2.0 GHz -- -- -- 0.05 GHz 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz -- -- --
Units
dB dB dB
Min
-- -- --
Typ
2.0 2.2 2.5
Max
2.4 2.8 3.0
Attenuation Accuracy 2
Any Single Bit Any Combination of Bits -- 10% to 90% 50% Control to 90/10% RF In-Band (peak-peak) Input Power Input Power For two-tone Input Power Up to +5 dBm For two-tone Input Power Up to +5 dBm -- -- Vcc = 4.5 to 5.5V Vctl = 0 to 0.8V, or Vcc - 2.1V to Vcc Vee = -5.0 to -8.0V
(0.25 +3% of atten setting in dB) dB (0.25 +3% of atten setting in dB) dB or 0.4 dB, whichever is greater Ratio ns ns mV dBm dBm dBm dBm dBm dBm V V mA -- -- -- -- -- -- -- -- -- -- 4.5 -8.0 -- -- 50 150 50 +20 +28 +40 +48 +45 +68 5.0 -- -- 1.6:1 -- -- -- -- -- -- -- -- -- 5.5 -5.0 5.0
VSWR Trise, Tfall Ton, Toff Transients 1 dB Compression Input IP3 Input IP2 Vcc Vee Icc
Iee
--
mA
--
--
1.0
1. All specifications apply when operated with bias voltages of +5V for Vcc and -5.0V for Vee. 2. This attenuator is guaranteed monotonic.
Recommended PCB Configuration Absolute Maximum Ratings 3,4
Parameter
Max Input Power 0.5 GHz 0.5 - 2.0 GHz Supply Voltages Vcc Vee Control Voltage 5 Operating Temperature Storage Temperature 3. 4. 5. 2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Absolute Maximum
+27 dBm +34 dBm +5.5V -8.5V -0.5V to Vcc +0.5V -40C to +125C -65C to +150C
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz AT20-0263 V4
Truth Table (Digital Attenuator) Handling Procedures
Please observe the following precautions to avoid damage:
C5
0 0 0 0 0 1 1
Control Inputs C4
0 0 0 0 1 0 1
C3
0 0 0 1 0 0 1
C2
0 0 1 0 0 0 1
C1
0 1 0 0 0 0 1
Attenuation
Reference 1 dB 2 dB 4 dB 8 dB 16 dB 31 dB
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Typical Performance Curves
Ref. Insertion Loss vs. Frequency
+ 8 5 C 5 + 2 5 C - 5 5 C
0 = TTL Low; 1 = TTL High
Attenuation Accuracy vs. Frequency
Deviation from Nominal Atten (dB)
1, 2 , 4 , 8 , 16 dB 0.5 Full Atte nua tion
4
0
Loss (dB)
3
- 0.5
2
-1
1
- 1.5 0.0 0.5 1.0 1.5 2.0
0 0.0 0.5 1.0 1.5 2.0
Frequency (GHz)
Frequency (GHz)
VSWR vs. Frequency
4 dB S ta te 2.00 1.80
1 dB S ta te
VSW R
1.60 1.40 1.20 1.00 0.00
0.50
1.00
1.50
2.00
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
Lead-Free CR-12 Ceramic Package
AT20-0263 V4
Reference Application Note M538 for lead-free solder reflow recommendations.
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of AT20-02631

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X